| 전자부품 데이터시트 검색엔진 |
|
VSC8221 데이터시트(PDF) 58 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 데이터시트(HTML) 58 Page - Microsemi Corporation |
|
58 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 58 of 60 60 . Figure 21. EEPROM interface Connections NOTE: The same clock must be used for each VSC8221's REFCLK input. in addition, the RESET pin for each VSC8221 must be driven from the same source to ensure that the reference clock modes within each device are correctly set. This prevents using the CLKOUT or CLKOUTMiCRO output from one VSC8221 to drive the clock input of another VSC8221, if the devices are sharing the same EEPROM. Table 28. Configuration EEPROM Data Format Address Contents ------------- ---------------------------------------------------- ------------- ---------------------------------------------------- ------------- ---------------------------------------------------- ------------- ---------------------------------------------------- O+7 Data to be written (LSB) O+6 Data to be written (MSB) O+5 RegAddress b O+4 Data to be written (LSB) O+3 Data to be written (MSB) EEPROM VSC8221 (1) VSC8221 (2) REFCLK Source RESET Source SCL SDA |