전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 120 Page - NXP Semiconductors

부품명 HCS08
상세설명  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 데이터시트(HTML) 120 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 116Page - NXP Semiconductors HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 374 page
background image
Chapter 8 5 V Analog Comparator (S08ACMPV2)
MC9S08JM60 Series Data Sheet, Rev. 5
120
Freescale Semiconductor
Figure 8-1. MC9S08JM60 Series Block Diagram Highlighting ACMP Block and Pins
PTD4/ADP11
PTD5
PTD6
PTC1/SDA
PTC0/SCL
VSS
VDD
PTE3/TPM1CH1
PTE2/TPM1CH0
PTA5– PTA0
PTE0/TxD1
PTE1/RxD1
PTD1/ADP9/ACMP–
PTD0/ADP8/ACMP+
PTC6
PTC5/RxD2
PTC4
PTC3/TxD2
PTC2
8-BIT KEYBOARD
INTERRUPT MODULE (KBI)
IIC MODULE (IIC)
8-/16-BIT SERIAL PERIPHERAL
INTERFACE MODULE (SPI1)
USER Flash (IN BYTES)
USER RAM (IN BYTES)
ON-CHIP ICE AND
DEBUG MODULE (DBG)
MC9S08JM60 = 60,912
HCS08 CORE
CPU
BDC
NOTES:
1. Port pins are software configurable with pullup device if input port.
2. Pin contains software configurable pullup/pull-down device if IRQ is enabled
(IRQPE = 1). Pull-down is enabled if rising edge detect is selected (IRQEDG = 1)
3. IRQ does not have a clamp diode to VDD. IRQ must not be driven above VDD.
4. Pin contains integrated pullup device.
5. When pin functions as KBI (KBIPEn = 1) and associated pin is configured to enable the
pullup device, KBEDGn can be used to reconfigure the pullup as a pull-down device.
2-CHANNEL TIMER/PWM
MODULE (TPM2)
PTB5/KBIP5/ADP5
PTE5/MOSI1
PTE4/MISO1
PTE6/SPSCK1
PTE7/SS1
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
COP
IRQ
LVD
LOW-POWER OSCILLATOR
MULTI-PURPOSE CLOCK
GENERATOR (MCG)
RESET
VSSAD
VDDAD
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC)
6-CHANNEL TIMER/PWM
MODULE (TPM1)
PTD7
6
PTB4/KBIP4/ADP4
PTG3/KBIP7
PTG2/KBIP6
12-CHANNEL, 12-BIT
BKGD/MS
PTF3/TPM1CH5
PTF2/TPM1CH4
PTF0/TPM1CH2
PTF1/TPM1CH3
PTF5/TPM2CH1
PTF4/TPM2CH0
PTF6
PTF7
INTERFACE MODULE (SCI1)
SERIAL COMMUNICATIONS
INTERFACE MODULE (SCI2)
SERIAL COMMUNICATIONS
PTG0/KBIP0
PTG1/KBIP1
MC9S08JM32 = 32,768
VREFL
PTG4/XTAL
PTG5/EXTAL
IRQ/TPMCLK
RxD2
TxD2
SDA
SCL
8
KBIPx
KBIPx
TPMCLK
SPSCK1
SS1
MISO1
MOSI1
TPMCLK
TPM1CH1
TPM1CH0
RxD1
TxD1
EXTAL
XTAL
4
4
USB SIE
USB ENDPOINT
RAM
FULL SPEED
USB
TRANSCEIVER
USBDP
USBDN
MISO2
SS2
SPSCK2
MOSI2
PTB1/MOSI2/ADP1
PTB0/MISO2/ADP0
PTB7/ADP7
PTB6/ADP6
8-/16-BIT SERIAL PERIPHERAL
INTERFACE MODULE (SPI2)
REAL-TIME COUNTER
(RTC)
PTB3/SS2/ADP3
PTB2/SPSCK2/ADP2
TPM1CHx
4
TPM2CH1
TPM2CH0
4
ANALOG COMPARATOR
(ACMP)
SYSTEM
USB 3.3-V VOLTAGE REGULATOR
VUSB33
MC9S08JM60 = 4096
MC9S08JM32 = 2048
ACMPO
ACMP+
ACMP–
PTD3/KBIP3/ADP10
PTD2/KBIP2/ACMPO
VSSOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com