전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 123 Page - NXP Semiconductors

부품명 HCS08
상세설명  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 데이터시트(HTML) 123 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors HCS08 Datasheet HTML 125Page - NXP Semiconductors HCS08 Datasheet HTML 126Page - NXP Semiconductors HCS08 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 374 page
background image
Analog Comparator (S08ACMPV2)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
123
•
An 8-bit status and control register
Refer to the direct-page register summary in the memory section of this data sheet for the absolute address
assignments for all ACMP registers.This section refers to registers and control bits only by their names.
Some MCUs may have more than one ACMP, so register names include placeholder characters to identify
which ACMP is being referenced.
8.3.1.1
ACMP Status and Control Register (ACMPSC)
ACMPSC contains the status flag and control bits which are used to enable and configure the ACMP.
765
43
210
R
ACME
ACBGS
ACF
ACIE
ACO
ACOPE
ACMOD
W
Reset:
00
00
000
0
= Unimplemented
Figure 8-3. ACMP Status and Control Register
Table 8-2. ACMP Status and Control Register Field Descriptions
Field
Description
7
ACME
Analog Comparator Module Enable — ACME enables the ACMP module.
0 ACMP not enabled
1 ACMP is enabled
6
ACBGS
Analog Comparator Bandgap Select — ACBGS is used to select between the bandgap reference voltage or
the ACMP+ pin as the input to the non-inverting input of the analog comparatorr.
0 External pin ACMP+ selected as non-inverting input to comparator
1 Internal reference select as non-inverting input to comparator
Note: refer to this chapter introduction to verify if any other config bits are necessary to enable the bandgap
reference in the chip level.
5
ACF
Analog Comparator Flag — ACF is set when a compare event occurs. Compare events are defined by ACMOD.
ACF is cleared by writing a one to ACF.
0 Compare event has not occurred
1 Compare event has occurred
4
ACIE
Analog Comparator Interrupt Enable — ACIE enables the interrupt from the ACMP. When ACIE is set, an
interrupt will be asserted when ACF is set.
0 Interrupt disabled
1 Interrupt enabled
3
ACO
Analog Comparator Output — Reading ACO will return the current value of the analog comparator output. ACO
is reset to a 0 and will read as a 0 when the ACMP is disabled (ACME = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com