전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS6624P0LP 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 VS6624P0LP
상세설명  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 53Page - STMicroelectronics VS6624P0LP Datasheet HTML 54Page - STMicroelectronics VS6624P0LP Datasheet HTML 55Page - STMicroelectronics VS6624P0LP Datasheet HTML 56Page - STMicroelectronics VS6624P0LP Datasheet HTML 57Page - STMicroelectronics VS6624P0LP Datasheet HTML 58Page - STMicroelectronics VS6624P0LP Datasheet HTML 59Page - STMicroelectronics VS6624P0LP Datasheet HTML 60Page - STMicroelectronics VS6624P0LP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
VS6624
Register map
Rev 1
57/100
0x0425(MSB)
0x0426(LSB)
uwManualCropHorizontalSize1
Default value
0x00
Purpose
Set the cropping H size
Type
UINT16
0x0429(MSB)
0x042a(LSB)
uwManualCropVerticalStart1
Default value
0x00
Purpose
Set the cropping Vstart address
Type
UINT16
0x042d(MSB)
0x042e(LSB)
uwManualCropVerticalSize1
Default value
0x00
Purpose
Set the cropping Vsize
Type
UINT16
0x0430
bImageFormat1(2)
Default value
<0> ImageFormat_YCbCr_JFIF
Purpose
select required output image format.
Type
CODED
Possible values
<0> ImageFormat_YCbCr_JFIF
<1> ImageFormat_YCbCr_Rec601
<2> ImageFormat_YCbCr_Custom - to use custom output select
required RgbToYuvOutputSignalRange from 'PipeSetupBank' page.
<3> ImageFormat_YCbCr_400
<4> ImageFormat_RGB_565
<5> ImageFormat_RGB_565_Custom - to use custom output select
required RgbToYuvOutputSignalRange from 'PipeSetupBank' page.
<6> ImageFormat_RGB_444
<7> ImageFormat_RGB_444_Custom - to use custom output select
required RgbToYuvOutputSignalRange from 'PipeSetupBank' page.
<9> ImageFormat_Bayer10ThroughVP
<10> ImageFormat_Bayer8CompThroughVP-- to compress bayer data
to 8 bits data
<11> ImageFormat_Bayer8TranThroughVP-- to truncate bayer data to 8
bits data
0x0432
bBayerOutputAlignment1
Default value
<4> BayerOutputAlignment_RightShifted
Purpose
set bayer output alignment
Type
CODED
Possible values
<4> BayerOutputAlignment_RightShifted
<5> BayerOutputAlignment_LeftShifted
Table 14.
Pipe setup bank1
Index
PipeSetupBank1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100