| 전자부품 데이터시트 검색엔진 |
|
VS6624P0LP 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 100 page ![]() VS6624 Frame control Rev 1 21/100 ViewLive Operation ViewLive is an option which allows a different pipe setup bank to be applied to alternate frames of the output data. The controls for VIewLive function are found in the register bank where the fEnable register allows the host to enable or disable the function and the binitialPipeSetupBank register selects which pipe setup bank is output first. When ViewLive is enabled the output data switches between Pipe setup bank0 and Pipe setup bank1 on each alternate frame. Figure 5. ViewLive frame output format Interframe Blanking Active Video Pipe setup bank0 Interline Blanking Interline Blanking Interframe Blanking Active Video Pipe setup bank1 Frame output |