| 전자부품 데이터시트 검색엔진 |
|
VS6624P0LP 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 100 page ![]() Register map VS6624 70/100 Rev 1 Demosaic control Colour matrix dampers Table 31. Demosaic control Index DemosaicControl(1) 0x1e80 bAntiAliasFilterSuppress Default value 0x08 Purpose Anti alias filter suppress Type BYTE 1. Can be controlled in all stable state Table 32. Colour matrix dampers Index ColourMatrixDamper(1) 0x1f00 fDisable Default value <0> FALSE Purpose set to disable colour matrix damper and therefore ensure that all the Colour matrix coefficients remain constant under all conditions. Type Flag_e Possible values <0> FALSE <1> TRUE 0x1f03 (MSByte) 0x1f04 (LSByte) fpLowThreshold Default value 0x67d1 (2000896) Purpose Low Threshold for exposure for calculating the damper slope Type FLOAT 0x1f07 (MSByte) 0x1f08 (LSByte) fpHighThreshold Default value 0x6862 (2498560) Purpose High Threshold for exposure for calculating the damper slope Type FLOAT 0x1f0b (MSByte) 0x1f0c (LSByte) fpMinimumOutput Default value 0x3acd (0.350098) Purpose Minimum possible damper output for the ColourMatrix Type FLOAT 1. Can be controlled in all stable state |