| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 439 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 439 Page - Renesas Technology Corp |
|
439 / 923 page ![]() 401 TGR3A TGR3C TGR3B, TGR4A, TGR4B TGR3D, TGR4C, TGR4D H'0000 TIOC3A TIOC3B TIOC3D TIOC4A TIOC4C TIOC4B TIOC4D TGF3C TGF3D TGF4C TGF4D TGR3A, TGR3C TGR3B, TGR3D, TGR4A, TGR4C, TGR4B, TGR4D Buffer transfer with compare match A3 TCNT3 Not set Not set Set Set Point a Point b Figure 12.87 Buffer Operation and Compare-Match Flags in Reset Sync PWM Mode • A mask operation For A mask, the above operation is modified as follows: When setting buffer operation for reset sync PWM mode, set the BFA and BFB bits of TMDR4 to 0. The TIOC4C pin will be unable to produce its waveform output if the BFA bit of TMDR4 is set to 1. In reset sync PWM mode, the channel 3 and channel 4 buffers operate in accordance with the BFA and BFB bit settings of TMDR3. For example, if the BFA bit of TMDR3 is set to 1, TGR3C functions as the buffer register for TGR3A. At the same time, TGR4C functions as the buffer register for TRG4A. When setting buffer operation for reset sync PWM mode, the compare-match flag TGFC bit and TGFD bit operations will be the same for TSR3 and TSR4. The TGFC bit and TGFD bit of TSR3 are not set when TGR3C and TGR3D are operating as buffer registers. The TGFC bit and TGFD bit of TSR4 are not set when TGR4C and TGR4D are operating as buffer registers. |