| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 435 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 435 Page - Renesas Technology Corp |
|
435 / 923 page ![]() 397 12.7.9 Contention between TGR Write and Compare Match If a compare-match occurs in the T 2 state of the TGR write cycle, data is written to the TGR and a compare-match signal is issued (figure 12.84). TGR Compare match signal TCNT Address Write signal φ T1 T2 TGR write cycle TGR address N N + 1 M N TGR write data Figure 12.84 TGR Write and Compare Match Contention 12.7.10 TCNT2 Write and Overflow/Underflow Contention in Cascade Connection With timer counters TCNT1 and TCNT2 in a cascade connection, when a contention occurs during TCNT1 count (during a TCNT2 overflow/underflow) in the T 2 state of the TCNT2 write cycle, the write to TCNT2 is conducted, and the TCNT1 count signal is prohibited. At this point, if there is match with TGR1A or TGR1B and the TCNT1 value, a compare signal is issued. The timing is shown in figure 12.85. For cascade connections, be sure to synchronize settings for channels 1 and 2 when setting TCNT clearing. |