| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 505 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 505 Page - Renesas Technology Corp |
|
505 / 923 page ![]() 467 13.4.4 System Reset With WDTOVF If a WDTOVF signal is input to the RES pin, the LSI cannot initialize correctly. Avoid logical input of the WDTOVF output signal to the RES input pin. To reset the entire system with the WDTOVF signal, use the circuit shown in figure 13.9. Reset input Reset signal to entire system SH7040 Series RES WDTOVF Figure 13.9 Example of a System Reset Circuit with a WDTOVF Signal 13.4.5 Internal Reset with the Watchdog Timer If the RSTE bit is cleared to 0 in the watchdog timer mode, the LSI will not reset internally when a TCNT overflow occurs, but the TCNT and TCSR in the WDT will reset. |