전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 55 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 55 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 51Page - STMicroelectronics ST25R3911B Datasheet HTML 52Page - STMicroelectronics ST25R3911B Datasheet HTML 53Page - STMicroelectronics ST25R3911B Datasheet HTML 54Page - STMicroelectronics ST25R3911B Datasheet HTML 55Page - STMicroelectronics ST25R3911B Datasheet HTML 56Page - STMicroelectronics ST25R3911B Datasheet HTML 57Page - STMicroelectronics ST25R3911B Datasheet HTML 58Page - STMicroelectronics ST25R3911B Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
1.3.1
IO configuration register 1
Address: 00h
Type: RW
Table 19. IO configuration register 1
Bit
Name
Default
Function
Comments(1)
7
single
0
1: Only one RFO driver will be used Choose between single and differential antenna driving
6
rfo2
0
0: RFO1, RFI1
1: RFO2, RFI2
Choose which output driver and which input will be used in case of single
driving
5
fifo_lr
0
0: 64
1: 80
FIFO water level for receive
4
fifo_lt
0
0: 32
1: 16
FIFO water level for transmit
3
osc
1
0: 13.56 MHz Xtal
1: 27.12 MHz Xtal
Selector for crystal oscillator
2
out_cl1
0
out_cl1
out_cl0
MCU_CLK
Selection of clock frequency on MCU_CLK output in case Xtal oscillator is
running. In case of “11” MCU_CLK output is permanently low.
0
0
3.39 MHz
0
1
6.78 MHz
1
out_cl0
0
1
0
13.56 MHz
1
1
disabled
0
lf_clk_off
0
1: No LF clock on MCU_CLK
By default the 32 kHz LF clock is present on MCU_CLK output when Xtal
oscillator is not running and the MCU_CLK output is not disabled.
1. Default setting takes place at power-up only.
ST25R3911B
Registers
DS11793 - Rev 6
page 55/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com