전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 80Page - STMicroelectronics ST25R3911B Datasheet HTML 81Page - STMicroelectronics ST25R3911B Datasheet HTML 82Page - STMicroelectronics ST25R3911B Datasheet HTML 83Page - STMicroelectronics ST25R3911B Datasheet HTML 84Page - STMicroelectronics ST25R3911B Datasheet HTML 85Page - STMicroelectronics ST25R3911B Datasheet HTML 86Page - STMicroelectronics ST25R3911B Datasheet HTML 87Page - STMicroelectronics ST25R3911B Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
1.3.43
Regulator and timer display register
Address: 2Bh
Type: R
Table 71. Regulator and timer display register
Bit
Name
Default
Function
Comments(1)
7
reg_3
-
Actual regulated voltage setting.
Refer to Table 72. Regulated voltages for definition.
-
6
reg_2
-
5
reg_1
-
4
reg_0
-
3
-
-
-
-
2
gpt_on
-
1: General purpose timer is running
1
nrt_on
-
1: No-Response timer is running
0
mrt_on
-
1: Mask receive timer is running
1. Default setting takes place at power-up and after Set Default command.
Table 72. Regulated voltages
reg_3
reg_2
reg_1
reg_0
Typical regulated voltage (V)
rege_3
rege_2
rege_1
rege_0
5 V mode
3.3 V mode
1
1
1
1
5.1
3.4
1
1
1
0
4.98
3.3
1
1
0
1
4.86
3.2
1
1
0
0
4.74
3.1
1
0
1
1
4.62
3.0
1
0
1
0
4.50
2.9
1
0
0
1
4.38
2.8
1
0
0
0
4.26
2.7
0
1
1
1
4.14
2.6
0
1
1
0
4.02
2.5
0
1
0
1
3.90
2.4
Other combinations
Not used
ST25R3911B
Registers
DS11793 - Rev 6
page 84/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com