전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 68 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 68 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 64Page - STMicroelectronics ST25R3911B Datasheet HTML 65Page - STMicroelectronics ST25R3911B Datasheet HTML 66Page - STMicroelectronics ST25R3911B Datasheet HTML 67Page - STMicroelectronics ST25R3911B Datasheet HTML 68Page - STMicroelectronics ST25R3911B Datasheet HTML 69Page - STMicroelectronics ST25R3911B Datasheet HTML 70Page - STMicroelectronics ST25R3911B Datasheet HTML 71Page - STMicroelectronics ST25R3911B Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
1.3.16
No-response timer register 1
Address: 0Fh
Type: RW
Table 41. No-response timer register 1
Bit Name Default
Function
Comments(1)
7
nrt15
0
No-Response timer definition
MSB bits
Defined in steps of 64/fc (4.72 µs).
Range from 0 to 309 ms
If bit nrt_step in Table 43 is set the
step is changed to 4096/fc
Defines timeout after end of Tx. In case this timeout expires without detecting a
response a No-Response interrupt is sent.
In NFC mode the No-Response timer is started only when external field is
detected. In the NFCIP-1 active communication mode the
No-Response timer is automatically started when the transmitter is turned off
after the message has been sent
All 0: No-Response timer is not started.
No-Response timer is reset and restarted with Start No-Response Timer direct
command.
6
nrt14
0
5
nrt13
0
4
nrt12
0
3
nrt11
0
2
nrt10
0
1
nrt9
0
0
nrt8
0
1. Default setting takes place at power-up and after set default command.
1.3.17
No-response timer register 2
Address: 10h
Type: RW
Table 42. No-response timer register 2
Bit
Name
Default
Function
Comments(1)
7
nrt7
0
No-Response timer definition
LSB bits
-
6
nrt6
0
5
nrt5
0
4
nrt4
0
3
nrt3
0
2
nrt2
0
1
nrt1
0
0
nrt0
0
1. Default setting takes place at power-up and after set default command.
ST25R3911B
Registers
DS11793 - Rev 6
page 68/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com