전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
Transmit and receive capabilities of the ST25R3911B are not limited by the FIFO size due to a FIFO water level
interrupt system. During transmission an interrupt is sent (IRQ due to FIFO water level in the Main interrupt
register) when the content of data in the FIFO passes from (water level + 1) to water level and the complete
transmit frame has not been loaded in the FIFO yet. The external microcontroller can now add more data in the
FIFO. The same stands for the reception: when the number of received bytes passes from (water level - 1) to
water level an interrupt is sent to inform the external controller that data has to be downloaded from FIFO in order
not to lose receive data due to FIFO overflow.
During transmission water level IRQ is additionally set in case all transmission bytes have not been written in
FIFO yet and if number of bytes written into FIFO is lower than water level. In this case an IRQ is sent when
number of bytes in FIFO drops below 4.
Note:
FIFO IRQ is not produced while SPI is active in FIFO load or read mode. Due to this the FIFO loading/reading
rate has to be higher than Tx/Rx bit rate, once FIFO loading/reading is finished the /SS pin has to be pulled to
VDD (logic remains in FIFO load/read mode as long as /SS remains low).
The external controller has to serve the FIFO faster than data is transmitted or received. Using SCLK frequency
that is at least double than the actual receive or transmit bit rate is recommended.
There are two settings of the FIFO water level available for receive and transmit in the IO configuration register 1.
At the beginning of a data reception the FIFO, FIFO status register 1 and FIFO status register 2 are cleared
automatically.
After data reception is terminated the external microcontroller needs to know how much data is still stored in the
FIFO: This information is available in the FIFO status register 1 and FIFO status register 2 that display number of
bytes in the FIFO that were not read out. FIFO status register 1 can also be read while reception and transmission
processes are active to get info about current number of bytes in FIFO. In that case user has to take in account
that Rx/Tx process is going on and that the number of data bytes in FIFO may have already changed by the time
the reading of register is finished.
The FIFO status register 2 contains the information on whether the last received byte was completed or not. An
incomplete byte can occur on certain protocols that use frames shorter than one byte for status information or for
example, if the receive data stream breaks in the middle due to an unexpected card removal. The status of the
last received byte and the number of valid bits received is stored in the bits fifo_ncp, fifo_lb<2:0>, and np_lb.
These bits are cleared when the FIFO status register 2 is read and must be stored in the MCU if needed for
further processing.
The FIFO status register 2 additionally contains two bits that indicate that the FIFO was not correctly served
during reception or transmission process (FIFO overflow and FIFO underflow).
FIFO overflow is set when too much data is written in FIFO. In case this bit is set during reception the external
controller did not react on time on water level IRQ and more than 96 bytes were written in the FIFO. The received
data is of course corrupted in such a case. During transmission this means that controller has written more data
than FIFO size. The data to be transmitted was corrupted.
FIFO underflow is set when data was read from empty FIFO. In case this bit is set during reception the external
controller read more data than was actually received. During transmission this means that controller has failed to
provide the quantity of data defined in number of transmitted bytes registers on time.
Pin MCU_CLK
Pin MCU_CLK may be used as clock source for the external microcontroller. Depending on the operation mode
either a low frequency clock (32 kHz) from the RC oscillator or the clock
signal derived from crystal oscillator is available on pin MCU_CLK. The MCU_CLK output pin is controlled by bits
out_c1, out_cl0 and lf_clk_off in the IO configuration register 1. Bits out_cl enable the use of pin MCU_CLK as
clock source and define the division for the case the crystal oscillator is running (13.56 MHz, 6.78 MHz and 3.39
MHz are available). Bit lf_clk_off controls the use of low frequency clock (32 kHz) in case the crystal oscillator is
not running. By default configuration (defined at power-up) the 3.39 MHz clock is selected and the low frequency
clock is enabled.
In Transparent mode (see Section 1.2.22 Stream mode and transparent mode) the use of MCU_CLK is
mandatory since clock that is synchronous to the field carrier frequency is needed to implement receive and
transmit framing in the external controller. The use of MCU_CLK is recommended also for the case where the
internal framing is used. Using MCU_CLK as the microcontroller clock source generates noise synchronous with
the reader carrier frequency and is therefore filtered out by the receiver, while using some other incoherent clock
source may produce noise that perturbs the reception.
Use of MCU_CLK is also better for EMC compliance.
ST25R3911B
Application information
DS11793 - Rev 6
page 26/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com