전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 86 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 86 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 82Page - STMicroelectronics ST25R3911B Datasheet HTML 83Page - STMicroelectronics ST25R3911B Datasheet HTML 84Page - STMicroelectronics ST25R3911B Datasheet HTML 85Page - STMicroelectronics ST25R3911B Datasheet HTML 86Page - STMicroelectronics ST25R3911B Datasheet HTML 87Page - STMicroelectronics ST25R3911B Datasheet HTML 88Page - STMicroelectronics ST25R3911B Datasheet HTML 89Page - STMicroelectronics ST25R3911B Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
1.3.45
Gain reduction state register
Address: 2Dh
Type: R
Table 75. Gain reduction state register
Bit
Name
Default Function
Comments(1)
7
gs_am_3 -
MSB
Actual gain reduction of second stage of AM channel (including register gain reduction,
squelch and AGC)
6
gs_am_2 -
-
5
gs_am_1 -
-
4
gs_am_0 -
LSB
3
gs_pm_3 -
MSB
Actual gain reduction of second stage of PM channel (including register gain reduction,
squelch and AGC)
2
gs_pm_2 -
-
1
gs_pm_1 -
-
0
gs_pm_0 -
LSB
1. At power-up and after Set Default command content of this register is set to 0.
1.3.46
Capacitive sensor control register
Address: 2Eh
Type: RW
Table 76. Capacitive sensor control register
Bit
Name
Default
Function
Comments(1)
7
cs_mcal4
0
Manual calibration value.
All 0 value enables automatic calibration mode
Binary weighted, step 0.1 pF, max 3.1 pF
6
cs_mcal3
0
5
cs_mcal2
0
4
cs_mcal1
0
3
cs_mcal0
0
2
cs_g2
0
000: 2.8 V/pF
001: 6.5 V/pF
010: 1.1 V/pF
100: 0.5 V/pF
110: 0.35 V/pF
Others: Not used
Capacitor sensor gain typical values
1
cs_g1
0
0
cs_g0
0
1. At power-up and after Set Default command content of this register is set to 0.
ST25R3911B
Registers
DS11793 - Rev 6
page 86/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com