전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 98 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 98 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 94Page - STMicroelectronics ST25R3911B Datasheet HTML 95Page - STMicroelectronics ST25R3911B Datasheet HTML 96Page - STMicroelectronics ST25R3911B Datasheet HTML 97Page - STMicroelectronics ST25R3911B Datasheet HTML 98Page - STMicroelectronics ST25R3911B Datasheet HTML 99Page - STMicroelectronics ST25R3911B Datasheet HTML 100Page - STMicroelectronics ST25R3911B Datasheet HTML 101Page - STMicroelectronics ST25R3911B Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
3
Electrical characteristics
3.1
Absolute maximum ratings
Stresses beyond those listed Table 95, Table 96 and Table 97 may cause permanent damage to the device.
These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated in Section
3.2 Operating conditions is not guaranteed. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Table 95. Electrical parameters
Symbol
Parameter
Min
Max
Unit
Comments
VDD
DC supply voltage
-0.5
6.0
V
-
VDD_IO
DC_IO supply voltage
-0.5
6.0
V
-
VINTRIM
Input pin voltage TRIM pins
-0.5
25.0
V
-
VIN
Input pin voltage for peripheral communication pins
-0.5
6.5
V
-
VINA
Input voltage for analog pins
-0.5
6.0
V
-
Iscr
Input current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Ioutmax
Drive capability of output driver
0
600
mA
-
Table 96. Electrostatic discharge
Symbol
Parameter
Min
Max
Unit
Comments
ESD
Electrostatic discharge
±2
kV
Standard JS-001-2014 (Human body model)
±500
V
Standard JS-001-2014 (Human body model)
Valid for TRIMx_x pins (pins 13 - 20)
Table 97. Temperature ranges and storage conditions
Symbol
Parameter
Min Max Unit
Comments
Tstrg
Storage temperature
-55 125
°C
-
Tbody
Package body
temperature
-
260
°C
The reflow peak soldering temperature (body temperature) is
specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount
Devices.”
The lead finish for Pb-free leaded packages is matte tin (100% Sn).
RHNC
Relative Humidity
non-condensing
5
85
%
-
MSL
Moisture sensitivity level
3
-
Represents a maximum floor life time of 168h.
ST25R3911B
Electrical characteristics
DS11793 - Rev 6
page 98/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com