전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3911B 데이터시트(PDF) 100 Page - STMicroelectronics

부품명 ST25R3911B
상세설명  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B 데이터시트(HTML) 100 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 96Page - STMicroelectronics ST25R3911B Datasheet HTML 97Page - STMicroelectronics ST25R3911B Datasheet HTML 98Page - STMicroelectronics ST25R3911B Datasheet HTML 99Page - STMicroelectronics ST25R3911B Datasheet HTML 100Page - STMicroelectronics ST25R3911B Datasheet HTML 101Page - STMicroelectronics ST25R3911B Datasheet HTML 102Page - STMicroelectronics ST25R3911B Datasheet HTML 103Page - STMicroelectronics ST25R3911B Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
3.3.2
CMOS outputs
Valid for output pins MISO, IRQ and MCU_CLK, io_18=0 (IO configuration register 2).
Table 100. CMOS outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
High level output
voltage
tSOURCE/SINK = 1mA, measured at VDDIO = 2.4V
tSOURCE/SINK = 0.5mA, measured at VDDIO = 1.65V
0.9 +
VDD_IO
-
VDD_IO
V
VOL
Low level output
voltage
0
-
0.1 +
VDD_IO
V
CL
Capacitive load
-
0
-
50
pF
RO
Output resistance
-
0
250
550
Ω
RPD
Pull-down resistance
pin MISO
Pull-down can be enabled while MISO output is in
tristate. The activation is controlled by register
setting.
5
10
15
kΩ
3.4
Electrical specifications
VDD= 3.3 V, temperature 25 °C unless noted otherwise.
3.3 V supply mode, regulated voltages set to 3.4 V, 27.12 MHz Xtal connected to XTO and XTI.
Table 101. Electrical specifications
Symbol
Parameter
Min Typ Max
Unit
Comments
IPD
Supply current in
Power-down mode
-
0.7
2
µA
Register 00h set to 0Fh(no clock on MCU_CLK), register 01h set to 80h (3 V supply
mode), register 02hset to 00h register 03hset to 08h, other registers in default state.
INFCT
Supply current in
initial NFC Target
mode
-
3.5
7
µA
Register 00hset to 0Fh (no clock on MCU_CLK), register 01h set to 80h (3 V supply
mode), register 02hset to 00h register 03h set to 80h(enable NFC Target mode),
other registers in default state.
IWU
Supply current in
Wake-up mode
-
3.6
8
µA
Register 00h set to 0Fh (no clock on MCU_CLK), register 01h set to 80h (3 V supply
mode), register 02h set to 04h (enable Wake-up mode), register 03hset to 08h,
register 31h set to 08h (100 ms timeout, IRQ at every timeout), other registers in
default state.
IRD
Supply current in
Ready mode
-
5.4
7.5
mA
Register 00h set to 0Fh(no clock on MCU_CLK), register 01h set to C0h(3 V supply
mode, disable VSP_D), register 02h set to 80h, register 03h set to 08h, other
registers in default state, short VSP_A and VSP_D.
IAL
Supply current,
all active
-
8.7 12.5
mA
Register 00h set to 0Fh, register 01h set to C0h (3 V supply mode, disable VSP_D),
register 02h set to E8h (one channel Rx, enable Tx), register 03h set to 08h,
register 0Bh set to 00h, register 27h set to FFh (all RFO segments disabled), other
registers in default state, short VSP_A and VSP_D.
ILP
Supply current,
all active,
low power receiver
mode
-
6.8
10
mA
Register 00h set to 0Fh, register 01h set to C0h (3 V supply mode, disable VSP_D),
register 02h set to E8h(one channel Rx, enable Tx), register 03h set to 08, register
0Bh set to 80 (low power mode), register 27h set to FFh (all RFO segments
disabled), other registers in default state, short VSP_A and VSP_D.
RRFO
RFO1 and RFO2
driver output
resistance
0.25 0.6
1.8
Ω
IRFO = 10 mA
The following measurement procedure that cancels resistance of measurement
setup is used:
•
all driver segments are switched on, resistance is measured
•
all driver segments except the MSB segment are switched on, resistance is
measured
•
difference between the two measurements is the resistance of MSB segment
ST25R3911B
Electrical specifications
DS11793 - Rev 6
page 100/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com