| 전자부품 데이터시트 검색엔진 |
|
PIC16F88-I/SS 데이터시트(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F88-I/SS 데이터시트(HTML) 55 Page - Microchip Technology |
|
55 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 53 PIC16F87/88 FIGURE 5-2: BLOCK DIAGRAM OF RA3/AN3/VREF+/C1OUT PIN FIGURE 5-3: BLOCK DIAGRAM OF RA2/AN2/CVREF/VREF- PIN Data Bus Q D Q CK N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA VSS RA3 pin Q D Q CK D Q EN To A/D Module Channel Input (PIC16F88 only) Comparator 1 Output Comparator Mode = 110 VDD Analog Input Mode To A/D Module Channel VREF+ Input (PIC16F88 only) P VDD To Comparator VSS Input Buffer TTL Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Analog VSS VDD RA2 pin Q D Q CK D Q EN To Comparator TTL Input Buffer Input Mode VDD To A/D Module Channel Input (PIC16F88 only) CVROE CVREF To A/D Module VREF- (PIC16F88 only) |