| 전자부품 데이터시트 검색엔진 |
|
PIC16F88-I/SS 데이터시트(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F88-I/SS 데이터시트(HTML) 67 Page - Microchip Technology |
|
67 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 65 PIC16F87/88 FIGURE 5-14: BLOCK DIAGRAM OF RB6 PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR PORTB WR TRISB Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. PGC/T1CKI Analog TTL Input Buffer Input Mode T1OSCEN/ICD/PROG From T1OSCO Output To A/D Module Channel Input (PIC16F88 only) Analog Input Mode Mode |