전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9374LF 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 L9374LF
상세설명  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 58Page - STMicroelectronics L9374LF Datasheet HTML 59Page - STMicroelectronics L9374LF Datasheet HTML 60Page - STMicroelectronics L9374LF Datasheet HTML 61Page - STMicroelectronics L9374LF Datasheet HTML 62Page - STMicroelectronics L9374LF Datasheet HTML 63Page - STMicroelectronics L9374LF Datasheet HTML 64Page - STMicroelectronics L9374LF Datasheet HTML 65Page - STMicroelectronics L9374LF Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
Programmers guide
L9374LF
62/80
DocID025414 Rev 1
The resolution is 0.2% per LSB.
000(H) = 0% Duty Cycle
1F4(H) = 100% Duty cycle.
To achieve the full diagnostic capability do not use a duty cycle of less than 5%(or 19(H)).
5.1.7
Current / duty cycle registers (address 10 to 13)
These registers provide a numerical value that is either translated as a current regulation set
point or a duty cycle set point. This depends on the Current Control / PWM (CCPWM_Qx)
bits found in Register 14. Either or both outputs can be set as either a current controlled
output or a fixed PWM output independently (for details see Chapter 3.3.6: Q3 / Q4 (current
controller)).
Resolution of LSB: 3.522mA
000(H) = 0 Amps
1FF(H) = 1.8 Amps
Table 50. Duty cycle register (address 6 to 9)
Register address
Duty cycle register
Number of bits
Bit location
Name
6
Output 1 Duty cycle 1
9
D0 - D8
DUTY1_Q1
7
Output 1 Duty cycle 2
9
D0 - D8
DUTY2_Q1
8
Output 2 Duty cycle 1
9
D0 - D8
DUTY1_Q2
9
Output 2 Duty cycle 2
9
D0 - D8
DUTY2_Q2
MSB
LSB
1010
x
x
CURRENT/DUTY1_Q3
Parit
y
1011
x
x
CURRENT/DUTY2_Q3
Parit
y
1100
x
x
CURRENT/DUTY1_Q4
Parit
y
1101
x
x
CURRENT/DUTY2_Q4
Parit
y
A3
A2
A1
A0
free
free
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 51. Current / duty cycle registers
Register
address
Duty cycle register
Number of
bits
Bit location
Name
10
Output 1 Current / Duty cycle 1
9
D0 - D8
CURRENT/DUTY1_Q1
11
Output 1 Current / Duty cycle 2
9
D0 - D8
CURRENT/DUTY2_Q1
12
Output 2 Current / Duty cycle 1
9
D0 - D8
CURRENT/DUTY1_Q2
13
Output 2 Current / Duty cycle 2
9
D0 - D8
CURRENT/DUTY2_Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com