전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9374LF 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 L9374LF
상세설명  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
Circuit description
L9374LF
26/80
DocID025414 Rev 1
Status buffer (data out)
A more detailed explanation about the register settings can be found in section Section 5:
Programmers guide.
4.2
Clock
The clock controller contains a CLKIN-monitoring function to validate the CLKIN frequency,
a clock multiplier to produce an internal 2 MHz clock, and an internal oscillator for
monitoring purposes and backup.
Figure 13. Clock block diagram
4.2.1
Clock multiplier
The Clock Multiplier provides a steady 2MHz signal (fCLK) for the internal logic based on the
CLKIN signal. The multiplier factor is determined by setting the CLKIN_S bits in the SPI
Command register Configuration register 1 (address 2). It is possible to have the wrong
CLKIN_S bits set for a specific CLKIN frequency. When this occurs a CLKIN failure
(CLKIN_F) is registered.
Table 29. Status buffer (data_out)
Address(HEX)
Content
Buffer name
0
General status
G_STATUS
1
Q1 output status register
STATUS_Q1
2
Q2 output status register
STATUS_Q2
3
Q3 output status register
STATUS_Q3
4
Q4 output status register
STATUS_Q4
5
Voltage of Dx
VD
6
Output-duty Q3
OUT_DUTY_Q3
7
Output-duty Q4
OUT_DUTY_Q4
8
ISAT value for Q3
ISAT_Q3
9
ISAT value for Q4
ISAT_Q4
10
Internal diode Voltage measurement
V_FWD
11
Measurement resistor
RS
12
Current controller status
CC-STATUS
13
Error average Q3
ERRORAVG_Q3
14
Error average Q4
ERRORAVG_Q4
15
Reserved → data ‚000 0000 0000‘
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com