전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9374LF 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 L9374LF
상세설명  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 10Page - STMicroelectronics L9374LF Datasheet HTML 11Page - STMicroelectronics L9374LF Datasheet HTML 12Page - STMicroelectronics L9374LF Datasheet HTML 13Page - STMicroelectronics L9374LF Datasheet HTML 14Page - STMicroelectronics L9374LF Datasheet HTML 15Page - STMicroelectronics L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Electrical specifications
L9374LF
14/80
DocID025414 Rev 1
3.3.3
Freewheeling diode
3.3.4
Output timing characteristics
The DMOS outputs have controlled slopes to minimize EME. The Edge Shaping option is
programmed via SPI (See Edge shaping (EDGE_SH); without edge shaping, the slope is
fixed to 10V/μs in both directions.
Figure 5. Output timing characteristics diagram with edge shaping
Where:
VD: Valve supply voltage
VFD: Forward voltage drop across the recirculation diode
VEDGE: Voltage Sf to Ss slope transition
Ss: Slow slope
Sf: Fast slope
Table 8. Freewheeling diode electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VFD1/2
Forward voltage of free
wheeling diodes D1 / D2
IFD = -1.5 A
0.5
0.75
1.75
V
VFD3/4
Forward voltage of free
wheeling path
D3, D4 @-250 mA
0.5
1.0
1.5
V
D3, D4 @-1.8 A
1.6
3.6
V
Rsense
Q3/Q4 Sense resistor
Calculated:
(VFD_1.8A-VFD_250mA)/1.55 A
-1-
Ω
RD1/3
Resistor D13-Pin
VQ < VD < 18 V
(Typ @ Tj = 25 °C)
100
240
700
kΩ
Ileak_Dx_0
Leakage current into Dx-Pin
D13
EN = 0
5
-
160
μA
Ileak_Dx_1/0
Leakage current into Dx-Pin
D13 D24
EN = 1
IDAC = 0A
90
70
400
μA
Ileak_Dx_1/1.8
Leakage current into Dx-Pin
D13 D24
EN = 1
IDAC = 1.8A
90
-
2400
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com