전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9374LF 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 L9374LF
상세설명  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 65Page - STMicroelectronics L9374LF Datasheet HTML 66Page - STMicroelectronics L9374LF Datasheet HTML 67Page - STMicroelectronics L9374LF Datasheet HTML 68Page - STMicroelectronics L9374LF Datasheet HTML 69Page - STMicroelectronics L9374LF Datasheet HTML 70Page - STMicroelectronics L9374LF Datasheet HTML 71Page - STMicroelectronics L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DocID025414 Rev 1
69/80
L9374LF
Programmers guide
79
5.2.3
VD (address 5)
VD:
The value supply voltage at the D13 pin is measured and stored in Status Address 5 (refer
to section 3.3.12: VD measurement for more details)
BIST BUSY:
This bit shows the status of the BIST state machine (details see Chapter 4.8.12)
5.2.4
Output duty (address 6 and 7)
MSB
LSB
0
1
0
1
0
BIST_BUSY
VD
Parit
y
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 63. VD / BIST BUSY general status
General status
Number of bits
Name
VD
9
VD
BIST BUSY
1
BIST_BUSY
Table 64. VD value
SPI - Bit
D8
D7
D6
D5
D4
D3
D2
D1
D0
VD-value
16 V
8 V
4 V
2 V
1 V
1/2 V
1/4 V
1/8 V
1/16 V
Table 65. BIST BUSY status
BIST_BUSY flag
BIST status
0
BIST not running
1
BIST is running
MSB
LSB
0
1
1
0
0
CNR3
Out_duty_Q3
Parit
y
0
1
1
1
0
CNR4
Out_duty_Q4
Parit
y
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 66. Output duty
Output status
Number of bits
Name
Output duty
9 Bit
Out_duty_Qx
Current Not Reachable
1 Bit
CNRx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com