전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC08KL8GRS/D 데이터시트(PDF) 30 Page - NXP Semiconductors

부품명 HC08KL8GRS/D
상세설명  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D 데이터시트(HTML) 30 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 26Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 27Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 28Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 29Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 30Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 31Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 32Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 33Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 256 page
background image
General Description
General Release Specification
MC68HC08KL8 — Rev. 2.0
General Description
1.5.1 Power Supply Pins (VDDREG, VSSREG, VDD1, VSS1, VDD2, and VSS2)
VDDREG and VSSREG are the power supply and ground pins used by the
on-board regulator. In regulator bypass, these become the supply pins
for the USB transceiver.
VDD1,VSS1,VDD2, and VSS2 are the power supply and ground pins. The
MCU operates from a single power supply.
Fast signal transitions on MCU pins place high, short-duration current
demands on the power supply. To prevent noise problems, take special
care to provide power supply bypassing at the MCU as Figure 1-4
shows. Place the bypass capacitors as close to the MCU power pins as
possible. Use high-frequency-response ceramic capacitors for CBypass.
CBulk are optional bulk current bypass capacitors for use in applications
that require the port pins to source high current levels.
Figure 1-4. Power Supply Bypassing
MCU
VDD
CBulk
CBypass
0.1
µF
VSSREG,VSS1, VSS2
+
NOTE: Component values shown represent typical applications.
VDDREG, VDD1, VDD2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More