| 전자부품 데이터시트 검색엔진 |
|
HC08KL8GRS/D 데이터시트(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D 데이터시트(HTML) 94 Page - NXP Semiconductors |
|
94 / 256 page ![]() System Integration Module (SIM) General Release Specification MC68HC08KL8 — Rev. 2.0 System Integration Module (SIM) 8.6.2.2 Interrupt Status Register 2 NOTE: Writing to a reserved address can have unpredictable effects on MCU operation. IF14–IF7 — Interrupt Flags 14–7 Since the MC68HC08KL8 does not use these interrupt flags, these bits will always read 0. Address: $FE05 Bit 7 654321 Bit 0 Read: IF14 IF13 IF12 IF11 IF10 IF9 IF8 IF7 Write: RRRRRRRR Reset: 00000000 R = Reserved Figure 8-13. Interrupt Status Register 2 (INT2) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |