전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC08KL8GRS/D 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 HC08KL8GRS/D
상세설명  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 29Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 30Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 31Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 32Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 33Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 34Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 35Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 36Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 256 page
background image
General Description
Pin Assignments
MC68HC08KL8 — Rev. 2.0
General Release Specification
General Description
1.5.10 Port D I/O Pins (PTD7/KBD7–PTD0/KBD0)
PTD7/KBD7–PTD0/KBD0 are general-purpose bidirectional I/O port
pins. (See Section 12. Input/Output Ports (I/O).) Any or all of the port
D pins can be programmed to serve as external interrupt pins. (See
Section 15. Keyboard Interrupt Module (KBI).)
1.5.11 Port E I/O Pins (PTE6–PTE3 and PTE2/TCH1, PTE1/TCH0, PTE0/TCLK)
Port E is a 7-bit special function port that shares three of its pins with the
timer interface module. (Section 11. Timer Interface Module (TIM) and
Section 12. Input/Output Ports (I/O).)
NOTE:
On the 42-lead SDIP package the port E pads are not bonded out. Set
these ports to output to avoid floating inputs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More