전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC08KL8GRS/D 데이터시트(PDF) 74 Page - NXP Semiconductors

부품명 HC08KL8GRS/D
상세설명  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D 데이터시트(HTML) 74 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 75Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 256 page
background image
Oscillator
General Release Specification
MC68HC08KL8 — Rev. 2.0
Oscillator
7.3 Oscillator External Connections
In its typical configuration, the oscillator requires five external
components. The crystal oscillator is normally connected in a Pierce
oscillator configuration, as shown in Figure 7-1. This figure shows only
the logical representation of the internal components and may not
represent actual circuitry. The oscillator configuration uses five
components:
•
Crystal, X1
•
Fixed capacitor, C1
•
Tuning capacitor, C2 (can also be a fixed capacitor)
•
Feedback resistor, R
B
•
Series resistor, R
S (optional)
Figure 7-1. Oscillator External Connections
C1
C2
SIMOSCEN
CGMXCLK
X1
RS*
OSC1
OSC2
* RS can be 0 (shorted) when used with higher-frequency crystals. Refer to manufacturer’s data.
MCU
FROM
SIM
CGMOUT
TO SIM
AND USB
÷2
RB
TO SIM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More