전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC08KL8GRS/D 데이터시트(PDF) 92 Page - NXP Semiconductors

부품명 HC08KL8GRS/D
상세설명  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D 데이터시트(HTML) 92 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 256 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC08KL8 — Rev. 2.0
System Integration Module (SIM)
8.6.1.2 SWI Instruction
The SWI instruction is a non-maskable instruction that causes an
interrupt regardless of the state of the interrupt mask (I bit) in the
condition code register.
NOTE:
A software interrupt pushes PC onto the stack. A software interrupt does
not push PC–1, as a hardware interrupt does.
8.6.2 Interrupt Status Registers
The flags in the interrupt status registers identify maskable interrupt
sources. Table 8-3 summarizes the interrupt sources and the interrupt
status register flags that they set. The interrupt status registers can be
useful for debugging.
Table 8-3. Interrupt Sources
Source
Flags
Mask(1)
INT Register Flag
Priority(2)
Vector Address
SWI Instruction
—
—
—
0
$FFFC–$FFFD
IRQ1 Pin
IRQF1
IMASK1
IF1
1
$FFFA–$FFFB
USB Endpoint 0 Transmit
TXD0F
TXD0IE
IF2
2
$FFF8–$FFF9
USB Endpoint 0 Receive
RXD0F
RXD0IE
USB Endpoint 1/
Endpoint 2 Transmit
TXD1F
TXD1IE
USB End of Packet
EOPF
EOPIE
USB Resume Interrupt
RESUMF
—
TIM Channel 0
CH0F
CH0IE
IF3
3
$FFF6–$FFF7
TIM Channel 1
CH1F
CH1IE
IF4
4
$FFF4–$FFF5
TIM Overflow
TOF
TOIE
IF5
5
$FFF2–$FFF3
Keyboard Pins
KEYF
IMASKK
IF6
6
$FFF0–$FFF1
1. The I bit in the condition code register is a global mask for all interrupt sources except the SWI instruction.
2. 0 = highest priority
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More