| 전자부품 데이터시트 검색엔진 |
|
HC08KL8GRS/D 데이터시트(PDF) 110 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D 데이터시트(HTML) 110 Page - NXP Semiconductors |
|
110 / 256 page ![]() Universal Serial Bus Module (USB) General Release Specification MC68HC08KL8 — Rev. 2.0 Universal Serial Bus Module (USB) 9.3.1.2 Packet Identifier Field The packet identifier field is an 8-bit number comprised of the 4-bit packet identification and its complement. The field follows the sync pattern and determines the direction and type of transaction on the bus. Table 9-1 shows the packet identifier values for the supported packet types. 9.3.1.3 Address Field (ADDR) The address field is a 7-bit number that is used to select a particular USB device. This field is compared to the lower seven bits of the UADDR register to determine if a given transaction is targeting the MC68HC08KL8 USB device. 9.3.1.4 Endpoint Field (ENDP) The endpoint field is a 4-bit number that is used to select a particular endpoint within a USB device. For the MC68HC08KL8, this will be a binary number between 0 and 2 inclusive. Any other value will cause the transaction to be ignored. Table 9-1. Supported Packet Identifiers Packet Identifier Value Packet Identifier Type %1001 IN Token %0001 OUT Token %1101 SETUP Token %0011 DATA0 Packet %1011 DATA1 Packet %0010 ACK Handshake %1010 NAK Handshake %1110 STALL Handshake Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |