| 전자부품 데이터시트 검색엔진 |
|
DSP56600FM/AD 데이터시트(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD 데이터시트(HTML) 14 Page - NXP Semiconductors |
|
14 / 76 page ![]() Preliminary 1-8 DSP56651 Technical Data Sheet MOTOROLA Pin and Signal Descriptions DSP56651 Pin Description GND J6 INT2 M14 RESET_OUT M10 GND J7 INT3 L14 ROW0 K14 GND J8 INT4 K13 ROW1 J13 GND J9 INT5 K12 ROW2 J11 GND K10 INT6 K11 ROW3 J14 GND K5 INT7 J12 ROW4 H13 GNDA B1 MCU_DE G10 ROW5 H14 GNDA G2 MISO D8 ROW6 G13 GNDB K8 MOD P10 ROW7 G11 GNDC M1 MOSI B8 RTS E11 GNDD L5 MUX_CTL D13 RxD E12 GNDE A11 NC A1 SC0A B10 GNDF J1 NC A14 SC0B E9 GNDG H10 NC E8 SC1A C10 GNDG L13 NC P1 SC1B D9 GNDH A7 NC P14 SC2A D10 GNDK B14 OE K3 SC2B B9 GNDP P9 PCAP L9 SCK D7 GNDP1 N10 PSTAT0 C13 SCKA B11 GNDQ C7 PSTAT1 B13 SCKB C8 GNDQ J10 PSTAT2 B12 SENSE P8 GNDQ J5 PSTAT3 C11 SIMCLK L7 GNDQ N8 PWR_EN K7 SIMDATA M9 INT0 L12 R/W K4 SIMRESET N9 INT1 N14 RESET_IN L10 SIZ0 D12 Table 1-2 DSP56651 PBGA Signal Identification by Name (Continued) Signal Name Pin No. Signal Name Pin No. Signal Name Pin No. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |