전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 24 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 24 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 20Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 21Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 22Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 23Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 24Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 25Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 26Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 27Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
Specifications
Thermal Characteristics
2-2
DSP96002/D, Rev. 2
MOTOROLA
THERMAL CHARACTERISTICS
Table 2-1
Maximum Electrical Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
–0.3 to +7.0
V
All Input Voltages
Vin
GND – 0.5 to VCC + 0.5
V
Current Drain per Pin
excluding VCC and VSS
1
I10
mA
Operating
Temperature Range
TJ
–40 to +100
°C
Storage Temperature
Tstg
–55 to +150
°C
Note:
GND = 0 VDC
Table 2-2
Thermal Characteristics
Characteristic
Symbol
PGA
Value
CQFP
Value
Unit
Junction to Ambient1
RθJA or θJA
22
31
°C/W
Junction to Case2
RθJC or θJC
5.7
1.6
°C/W
Thermal characterization parameter
ψ
JT
5.2
1.0
°C/W
Note:
1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal single-sided
printed circuit board per SEMI G38-87 in natural convection. SEMI is Semiconductor Equipment
and Materials International, 805 East Middlefield Road, Mountain View, CA 94043, (415) 964-5111.
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-88
with the exception that the cold plate temperature is used for the case temperature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com