전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 40 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 40 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 36Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 37Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 38Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 39Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 40Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 41Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 42Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 43Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
Specifications
AC Electrical Characteristics
2-18
DSP96002/D, Rev. 2
MOTOROLA
Multiplexed Bus Timing
Table 2-8
Multiplexed Bus Timing
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
51
AE Asserted to CLK Low5
8146
6.5
11.56
5.5
96
ns
52
AE Asserted to A0–A31 Valid
2
14
2
12
2
10
ns
53
AE Deasserted to A0–A31 tri-state
2
12
2
10
1.5
8
ns
54
AE Deasserted to A0–A31 Invalid
2—2—
1.5
—
ns
55
AE Asserted to CLK High7
0128
0
9.59
079
ns
56
AE Asserted to A0–A31 Active
1—1—1—
ns
57
CLK High to A0–A31 Active
2
—
1.5
—
1.5
—
ns
61
DE Asserted to CLK Low5, 10
8146
6.5
11.56
5.5
96
ns
62
DE Asserted to D0–D31 Valid
14
2
2
12
2
10
ns
63
DE Deasserted to D0–D31 Tri-state
2
12
2
10
1.5
8
ns
64
DE Deasserted to D0–D31 Invalid
2—2—
1.5
—
ns
65
DE Asserted to CLK High7, 10
0128
0
9.59
079
ns
66
DE Asserted to D0–D31 Active
1—1—1—
ns
Note:
1.
The numbers in this column are shown as circled numbers in the following figures.
2.
DC Electrical Characteristics:
at 33.3 MHz:
VCC = 5.0 V ± 10%, GND = 0 V DC, TJ = –40°C to 100°C
at 40 or 60 MHz: VCC = 5.0 V ± 5%, GND = 0 V DC, TJ = –40°C to 100°C
3.
Assuming duty cycle in the range 46.7%–53.3%
4.
Assuming duty cycle in the range 46%–54%
5.
Th minimum
6.
Th
7.
Tl minimum
8.
Tl–4
9.
Tl–2
10. For Host Interface data output, only timings 62, 63, 64, and 66 apply.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com