전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 27 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 27 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 23Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 24Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 25Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 26Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 27Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 28Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 29Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 30Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
Specifications
AC Electrical Characteristics
MOTOROLA
DSP96002/D, Rev. 2
2-5
AC ELECTRICAL CHARACTERISTICS
The timing waveforms shown in this section are tested with the following values:
AC timing specifications that are referenced to a device input signal are measured
in production with respect to the VIH/VIL levels of the respective input signal’s
transition.
AC timing specifications that are referenced to a device’s output levels are
measured with the production test machine VOL and VOH reference levels set at
0.8 V and 2.0 V, respectively. For load capacitances greater than 50pF, the drive
capability of the output pins derates linearly at 1.5 ns per 20 pF of additional
capacitance from 50 pF to 200 pF of loading, and at 2 ns per 20 pF of additional
capacitance for loads greater than 200 pF.
VIL maximum of 0.5 V
VIH minimum of 2.4 V for all pins
1
Note:
1.
CLK, RESET, MODA, MODB, and MODC are tested using
the input levels described in DC Electrical
Characteristics on page 2-3.
Figure 2-1 Signal Measurement Reference
VIH
VIL
Fall Time
Rise Time
Pulse Width
Low
High
10%
50%
90%
Input Signal
Note:
1.
The midpoint is VIL + (VIH – VIL)/2
midpoint1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com