전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 48 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 48 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 44Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 45Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 46Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 47Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 48Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 49Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 50Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 51Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
Specifications
AC Electrical Characteristics
2-26
DSP96002/D, Rev. 2
MOTOROLA
Note:
1.
The numbers in this column are shown as circled numbers in the following figures.
2.
DC Electrical Characteristics:
at 33.3 MHz:
VCC = 5.0 V ± 10%, GND = 0 V DC, TJ = –40°C to 100°C
at 40 or 60 MHz: VCC = 5.0 V ± 5%, GND = 0 V DC, TJ = –40°C to 100°C
3.
Assuming duty cycle in the range 46.7%–53.3%
4.
Assuming duty cycle in the range 46%–54%
Figure 2-17 OnCE Serial Clock Timing
Figure 2-18 OnCE Acknowledge Timing
Table 2-10
OnCE Timing (Continued)
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
5.
5Tc + 2
6.
5Tc + 1
7.
2Tc + Tl
8.
Tl maximum.
9.
2Tc + Tl + 5
10. 2Tc + Tl + 4
11. Tc + Tl – 4
12. 2Tc + 8
13. Tc + Tl – 3
14. 2Tc + 7
15. Tc – 20
16. Tc – 17
17. 6Tc + Th + 26
18. 6Tc + Th + 22
19. Th maximum
131
DSCK
(input)
130
132
146
146
133
DR
(input)
DSO
(output)
ACK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com