전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 47 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 47 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 43Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 44Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 45Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 46Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 47Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 48Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 49Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 50Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
Specifications
AC Electrical Characteristics
MOTOROLA
DSP96002/D, Rev. 2
2-25
OnCE Timing
Table 2-10
OnCE Timing
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
130
DSCK Low
40
—
40
—
40
—
ns
131
DSCK High
40
—
40
—
35
—
ns
132
DSCK Cycle Time
240
—
200
—
160
—
ns
133
DR Asserted to DSO (ACK) Asserted
1525
—
1266
—
1056
—ns
134
DSCK High to DSO Valid
51
—
42
—
34
—
ns
135
DSCK High to DSO Invalid
6—5—4—
ns
136
DSI Valid to DSCK Low (Setup)
17
—
15
—
13
—
ns
137
DSCK Low to DSI Invalid (Hold)
6—5—4—
ns
138
Last DSCK Low to OS0–OS1, ACK
Active
747
—
61.57
—507
—ns
139
DSO (ACK) Asserted to First DSCK
High8
819
—
67.510
—5410
—ns
140
DSO (ACK) Width Asserted
4011
6812
33.513
5714
27
46
ns
141
DSO (ACK) Asserted to OS0–OS1 Tri-
state
—0—0—0ns
142
OS0–OS1 Valid to CLK High
1015
—816
—7—
ns
143
CLK High to OS0–OS1 Invalid
4—3—2—
ns
144
Last DSCK Low of Read Register to
First
DSCK High of Next Command19
22217
—
185.518
—
14818
—ns
145
Last DSCK Low to DSO Invalid (Hold)
6—5—4—
ns
146
DSCK Rise and Fall Times
60
60
50
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com