전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 36 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 36 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 32Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 33Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 34Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 35Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 36Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 37Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 38Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 39Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
Specifications
AC Electrical Characteristics
2-14
DSP96002/D, Rev. 2
MOTOROLA
45
BS Asserted to TA Asserted5.
—1510
—
12.511
—
9.511
ns
46
TA Valid to CLK High (Setup)5.
3—3—3—
ns
47
CLK High to TA Invalid (Hold)
8—7—6—
ns
Note:
1.
The numbers in this column are shown as circled numbers in the following figures.
2.
DC Electrical Characteristics:
at 33.3 MHz:
VCC = 5.0 V ± 10%, GND = 0 V DC, TJ = –40°C to 100°C
at 40 or 60 MHz: VCC = 5.0 V ± 5%, GND = 0 V DC, TJ = –40°C to 100°C
3.
Assuming duty cycle in the range 46.7%–53.3% and no wait states
4.
Assuming duty cycle in the range 46%–54% and no wait states
5.
Timing 45 or timing 46 should be satisfied.
6.
Tc–5
7.
Tc–4
8.
Tl–7
9.
Tl–5
10. Tc–15
11. Tc–12.5
Table 2-7
External Bus Synchronous Timing (Continued)
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com