전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 43 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 43 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 39Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 40Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 41Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 42Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 43Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 44Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 45Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 46Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
Specifications
AC Electrical Characteristics
MOTOROLA
DSP96002/D, Rev. 2
2-21
115
HS, HA Deasserted to TS Asserted
(Setup)
1—0—0—
ns
118
HA Width Asserted (DMA Mode)
24
—
21
—
18
—
ns
120
CLK Low to HR Asserted
—
14
—
12
—
10
ns
121
TS, HA Asserted to HR Deasserted
—
30
—
25
—
21
ns
122
CLK Low to HR Asserted After TS
Deassertion12
60—50—40—ns
123
TS, HA Deasserted to CLK Low
(Setup)14
13
30
11
25
9.5
20
ns
Note:
1.
The numbers in this column are shown as circled numbers in the following figures.
2.
DC Electrical Characteristics:
at 33.3 MHz:
VCC = 5.0 V ± 10%, GND = 0 V DC, TJ = –40°C to 100°C
at 40 or 60 MHz: VCC = 5.0 V ± 5%, GND = 0 V DC, TJ = –40°C to 100°C
3.
Assuming duty cycle in the range 46.7%–53.3%
4.
Assuming duty cycle in the range 46%–54%
5.
When reading status (ICS register), the status data is guaranteed to be stable.
6.
2Tc + 40
7.
2Tc + 38
8.
Assuming both TX and HRX empty
9.
2Tc + Tl + 5
10. 2Tc + Tl + 3
11. Both TS and HA must be deasserted in case of mixed DMA / non-DMA accesses (i.e., after any
access this recovery time must be respected before a new access.)
12. When TS deassertion was in respect to timing 123
13. 2Tc
14. When timing 123 is respected, timing 122 is guaranteed to be respected. Timing 123 is not required
for correct operation.
15. Tc
Table 2-9
Host Timing (Continued)
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com