전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002UM/AD 데이터시트(PDF) 55 Page - NXP Semiconductors

부품명 DSP96002UM/AD
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD 데이터시트(HTML) 55 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 51Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 52Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 53Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 54Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 55Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 56Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 57Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 58Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
Specifications
AC Electrical Characteristics
MOTOROLA
DSP96002/D, Rev. 2
2-33
189
CLK Low to DSO (ACK) Valid (Enter
Debug Mode)
•
After Synchronous Recovery
from STOP State
•
After Synchronous Recovery
from WAIT State
54019
51020
—
—
45019
42520
—
—
30519
29020
—
—
ns
ns
190
DR Asserted to DSO (ACK) Valid
(Enter Debug Mode)
•
After Asynchronous Recovery
from STOP State
•
After Asynchronous Recovery
from WAIT State
54019
51020
—
—
45019
42520
—
—
30519
29020
—
—
ns
ns
191
DMA Request Asserted to CLK Low
(Setup)6
6—5—5—
ns
192
CLK Low to DMA Request Invalid
(Hold)6
2—2—
1.5
—
ns
193
CLK Low to External DMA Access
Valid
7621
—
63.521
—5021
—ns
194
DR Assertion Width
•
To recover from WAIT/STOP
•
To recover from WAIT/STOP
and enter Debug Mode
3522
42025
30023
—
2924
35025
25023
—
2324
23525
20023
—
ns
ns
Note:
1.
The numbers in this column are shown as circled numbers in the following figures.
2.
DC Electrical Characteristics:
at 33.3 MHz:
VCC = 5.0 V ± 10%, GND = 0 V DC, TJ = –40°C to 100°C
at 40 or 60 MHz: VCC = 5.0 V ± 5%, GND = 0 V DC, TJ = –40°C to 100°C
3.
Assuming duty cycle in the range 46.7%–53.3% and no wait states.
4.
Assuming duty cycle in the range 46%–54%% and no wait states.
5.
Assuming bus ownership.
6.
IRQ pin internally defined as DMA request.
Table 2-12
WAIT, STOP, DMA Request Timing (Continued)
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
7.
13Tc + Tl + 2
8.
13Tc + Tl + 14
9.
13Tc + Tl + 12
10. Tc + 5
11. 14Tc + Tl + 30
12. 14Tc + Tl + 25
13. Tc
14. 12Tc + Tl + 2
15. 12Tc + Tl + 14
16. 12Tc + Tl + 12
17. 13Tc + Tl + 30
18. 13Tc + Tl + 25
19. 18Tc
20. 17Tc
21. 2Tc + Tl + 2
22. Tc + 5
23. 10Tc
24. Tc + 4
25. 14Tc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com