전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 3 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 3 Page - PCA ELECTRONICS INC.

  EPA2013D Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 2Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 3Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 4Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 5Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 6Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 7Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 8Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• General Purposre 10Base-T Filter Module
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPA1829C
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1829C
Rev. B
5/6/03
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
• Referenced to the Output Level Fundamental Frequency @ 5 MHz • CMC is common to both channels •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-14/-9
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-25/-25
@ 30 MHz
-20/-15
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-30/-30
Crosstalk
(dB Min.)
-30/-30
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-6/-4
Xmit/Rcv
@ 40 MHz
-31/-24
Xmit/Rcv
Transmit Channel
Receive Channel
14
15
16
3
1
LPF
2
1:1
9
10
11
8
6
LPF
7
1:1
.990
(25.15)
.100
(2.54)
.020/.030
(.508/.762)
.390
(9.91)
.340
(8.64)
.115
(2.92)
Pin 1
I.D.
PCA
EPA1829C
Date Code
.300
(7.62)
.010 Typ.
(.254)
.016/.022
(.406/.599)
.700
(17.78)
.300
(7.62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com