전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 15 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 15 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 11Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 12Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 13Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 14Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 15Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 16Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 17Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 18Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 19Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• General Purpose 10Base-T Filter Module
• Robust construction allows for toughest reflow processing
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Peak Solder Rating (See Note 2)
• RoHS Compliant
EPE6119G & EPE6119G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6119G & -RC
Rev. 1
7/27/05 JDG
Isolation : Meets or exceeds 802.3 IEEE Requirements •
Characteristic Filter Impedance : 100
Ω •
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-18/-14
Xmit/Rcv
Common Mode
Rejection
(dB Min.)
1-100 MHz
Xmit/Rcv
-30/-30
@ 30 MHz
-30/-20
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
Crosstalk
(dB Min.)
-35
1-10 MHz
Attenuation
(dB Min.)
@ 20 MHz
-7/-6
Xmit/Rcv
50-100 MHz
-32/-31
Xmit/Rcv
Schematic
Transmit Channel
2
4
19
17
3
Chip Side
Cable Side
LPF
1:1
18
Receive Channel
7
9
14
12
8
Chip Side
Cable Side
LPF
1:1
13
Package
.370
(9.40)
.035
(.889)
0°-8°
.090
(2.29)
Pad
Layout
.440
(11.18)
.040
(1.02)
.100
(2.54)
.995
(25.27)
.270
(6.86)
PCA
EPE6119G(-RC)
Date Code
Pin 1
I.D.
.900
(22.86)
.048
(1.22)
.016/.020
(.406/.508)
.100
(2.54)
.010/.015
(.254/.381)
.220
(5.59)
.008/.012
(.203/.305)
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPE6119G-RC
Pb-Free +
(RoHS exemption 7a)
260°C
1.85 grams
19 pieces/tube
550 pieces/13” reel
(*EPE6119G-RCTR)
EPE6119G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
1.85 grams
19 pieces/tube
550 pieces/13” reel
(*EPE6119G-TR)
SnPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com