전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 70 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 70 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 66Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 67Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 68Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 69Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 70Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 71Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 72Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 73Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 74Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX
Interface PCMCIA Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed to work with Broadcom BCM5201, BCM5221 Chipsets
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Robust design allows for toughest soldering processes
• 1500 Vrms Isolation
Schematic
EPF8209S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8209S
Rev. Orig
5/8/03
Transmit
7
6
89
11
10
1CT:1CT
Receive
Pri.
Sec.
1
2
314
15
16
1CT:1CT
.360
(9.14)
.035
(.889)
0°-8°
.085
(2.16)
Pad
Layout
.030
(.762)
.490
(12.45)
.270
(6.86)
PCA
EPF8209S
Date Code
.018/.022
(.457/.559)
.050
(1.27)
.003/.008
(.076/.203)
.050
(1.27)
.440
(11.18)
Pin 1
I.D.
.076/.084
(1.93/2.13)
.070
(1.78)
.008/.012
(.203/.304)
.350
(8.89)
CMRR
(dB Min.)
Primary
DCR
(
Ω Max.)
OCL
(µH Min.)
@ 8 mA DC Bias
100 KHz,
0.1 Vrms
Xmit & Rcv
350 @ Pins 16-15 & 10-9
1.5
Xmit
1.0
Rcv
0.3
Leakage
Inductance
(µH Max.)
@ 100 KHz,
0.1 Vrms
Xmit & Rcv
1-30
MHz
-10
30-60
MHz
-14
60-80
MHz
-10
1
MHz
-27/-27
Xmit/Rcv
30
MHz
-17/-9
Xmit/Rcv
25
Interwinding
Capacitance
(pF Max.)
@ 100 KHz,
0.1 Vrms
Xmit & Rcv
60
MHz
-16/-4
Xmit/Rcv
80
MHz
-14/-2
Xmit/Rcv
100
MHz
-12/-1
Xmit/Rcv
Return
Loss
(dB Min.)
Xmit & Rcv
• Insertion Loss : -1 dB Max., 1 MHz to 100 MHz •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com