전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 59 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 59 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 55Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 56Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 57Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 58Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 59Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 60Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 61Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 62Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 63Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended to Enable 40C331, Broadcom BCM5201, BCM5202
& Level ONe LXT970 when connected per appropriate schematic
• Designed to operate from -40°C to +85°C @ 8 mA DC Bias
• Complies with or exceeds IEEE 802.3 & ANSI X3.263 Standards
Schematic
EPF8143SE
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8143SE Rev. Orig
5/8/03
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-35
1-100
MHz
0.1-100
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
30-100
MHz
Xmit/Rcv
-35/-30
100-500
MHz
Xmit/Rcv
-10/-10
100
MHz
-10/-10
Xmit/Rcv
OCL
(µH Min.)
100 KHz, 0.1 Vrms
8 mA DC Bias
350
Pins 1-3/6-8
1-30
MHz
Xmit/Rcv
-40/-40
Suggested
Solder
Pad Layout
PCA
EPF8143SE
Date Code
.490
(12.45)
.270
(6.86)
.240
(6.10)
.350
(8.89)
.010/.015
(.254/.381)
.050
(1.27)
.380
(9.65)
.016/.022
(.406/.559)
.008/.012
(.203/.305)
.070
(1.78)
0°-8°
.035
(.889)
.030
(.762)
.050
(1.27)
.055
(1.40)
.460
(11.68)
Pin 1
I.D.
Transmit Channel
1CT:1CT
3
1
2
14
16
15
Receive Channel
10
1CT:1CT
9
11
8
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com