전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 12 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 12 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 8Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 9Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 10Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 11Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 12Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 13Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 14Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 15Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 16Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
E L E C T R O N I C S I N C .
10 Base-T Multiport Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for AMD Repeater Chips
• Low Crosstalk enhances network reliability
• Robust construction allows for IR/VP processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6117
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6117
Rev. Orig
5/6/03
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-18/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 30 MHz
-30/-18
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-30/-30
Crosstalk
(dB Min.)
-35/-35
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-7/-5
Xmit/Rcv
@ 40 MHz
-35/-26
Xmit/Rcv
8
24
12
3
4
62
60
Xmit
67
5
58
56
Rcv
13 14
15
12
50
48
Xmit
910
11
54
52
Rcv
18 19 20
17
46
44
Xmit
21
22
23
42
40
Rcv
29 30
31
28
34
32
Xmit
25
27
26
38
36
Rcv
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1.2K
1.2K
1.2K
1.2K
1.100
(27.94)
.075
(1.91)
See Detail AA
.010
(.254)
.110
(2.79)
.125/.150
(3.18/3.81)
I
DETAIL
AA
1.500
(38.10)
.390
(9.91)
.095
(2.41)
1.690
(42.93)
1.015/1.025
(25.78/26.04)
.100
(2.54)
.050
(1.27)
.016/.020
(.406/.508)
PCA
EPE6117
Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com