전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 63 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 63 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 59Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 60Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 61Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 62Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 63Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 64Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 65Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 66Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 67Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Quad Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Cable Side Surge, EFT and ESD Protection Included
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8183SP
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8183SP
Rev. 1
6/2/03 JDG
Isolation : 1500 Vrms •
Cable Side Impedance : 100
Ω • Common to Differential Rejection : -40 dB Min. (Xmit/Rcv) @ 1-100 MHz •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-38
1-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
18-20 lof f/30
Xmit/Rcv
60-80
MHz
-14/-14
Xmit/Rcv
100
MHz
Xmit/Rcv
-25/-25
200
MHz
Xmit/Rcv
-25/-25
30
MHz
-35/-35
Xmit/Rcv
300-500
MHz
Xmit/Rcv
-10/-10
OCL
(µH Min.)
100 KHz, 0.1 Vrms
8 mA DC Bias
350
Cable Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8183SP
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.370
(9.40)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
2,10,12,20
1,9,11,19
39,31,29,21
40,32,30,22
CMC
1CT:1CT
5,7,15,17
4,6,14,16
36,34,26,24
37,35,27,25
38,33,28,23
1CT:1CT
CMC
3,8,13,18
Recevie
Channel
Transmit
Channel
Chip Side
Cable Side
EFT/ESD/Surge Protection Circuit
EFT/ESD/Surge Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com