전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 36 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 36 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 32Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 33Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 34Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 35Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 36Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 37Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 38Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 39Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 40Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• General Purpose 10 Base-T Filter Module for Adapter Cards,
MAUs,Hubs & Motherboard Applications
• Complies with or exceeds IEEE 802.3, 10 Base-T Requirements
• Available in 16 Pin DIP Package
• 2000 Vrms Isolation
Schematic
EPE6382
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6382
Rev. 1
9/12/02
Turns Ratio
(± 5%)
Interwinding Capacitance
(pF Max.)
@ 100 KHz, 20 mVrms
15
Leakage Inductance
(µH Max.)
@ 100 KHz, 20 mVrms
0.5
Rcv
1CT: 1CT
DCR
(
Ω Max.)
0.4
Sine Wave Inductance
(µH Min.)
Pins 6-8/1-3
140
@ 100 KHz, 20 mVrms
Xmit
1CT:
2CT
16
14
15
11
9
10
1
3
2
6
8
7
.340 ± .020
(8.64 ± .510)
Pin 1
I.D.
.125 ± .020
(3.18 ± .510)
.100
(2.54)
.008/.012
(.203/.305)
PCA
EPE6382
Date Code
.045
(1.14)
.800
(20.32)
.020
(.508)
.240
(6.07)
.018
(.457)
.700
(17.78)
285
(7.24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com