전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA2013D 데이터시트(PDF) 71 Page - PCA ELECTRONICS INC.

부품명 EPA2013D
상세설명  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCA [PCA ELECTRONICS INC.]
홈페이지  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D 데이터시트(HTML) 71 Page - PCA ELECTRONICS INC.

Back Button EPA2013D Datasheet HTML 67Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 68Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 69Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 70Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 71Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 72Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 73Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 74Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 75Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Voice Over IP
Magnetic Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for Voice Over IP Applications
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Operating Temperature : 0°C to 70°C
• 350 mA Handling Capability
• 1500 Vrms Isolation
• Auto MDIX
Schematic
EPF8229F
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8229F
Rev. 1
3/17/04
• Rise Time : 1.75 nS Max. • Impedance : 100
Ω •
OCL
(µH Min.)
100 KHz, 0.1 Vrms
8 mA DC Bias
350 (Media Side)
.720
(18.29)
.035
(.889)
0°-8°
.080
(2.03)
Pad
Layout
.760
(19.30)
.025
(.635)
.540
(13.72)
.600
(15.24)
PCA
EPF8229F
Date Code
Pin 1
I.D.
.013/.019
(.330/.483)
.039
(.991)
.010/.015
(.254/.381
)
.250
(6.35)
.429
(10.90)
.039
(.991)
.056
(1.41)
.008/.013
(.203/.330
)
1CT:1CT
23, 20, 17, 14
24, 21, 18, 15
22, 19, 16, 13
1, 4, 7, 10
2, 5, 8, 11
3, 6, 9, 12
InsertionLoss
(dB Max.)
1-65
MHz
-1
Common to Differential
(dB Min.)
Cross talk
(dB Min.)
-35
60
MHZ
-30
100
MHz
-40
1-40
MHZ
-35
50
MHZ
-30
100
MHz
-40
30
MHZ
-30
1-80
MHz
CMRR
(dB Min.)
-60
1
MHZ
-1.1
65-100
MHz
100-125
MHz
-1.5
-12
80
MHZ
-10
100
MHz
-13
50
MHZ
-16
1-30
MHZ
Return Loss
(dB Min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com