| 전자부품 데이터시트 검색엔진 |
|
AD9549 데이터시트(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549 데이터시트(HTML) 58 Page - Analog Devices |
|
58 / 78 page ![]() AD9549 Preliminary Technical Data Rev. PrA | Page 58 of 78 I/O REGISTER MAP Table 9 Addr (hex) Type 1 Name (short description) D7 D6 D5 D4 D3 D2 D1 D0 Default (hex) 0000 Serial Port Configuration and Part Identification 0000 Serial Config SDO Active LSB First (buffered) Soft RST Long Inst. 18 0001 Reserved 00 0002 RO 02 0003 RO Part ID Part ID 09 0004 Read Buffer Reg 00 0005 AC Serial Options Register Update 00 0010 Power Down and Reset 0010 Power Down / Enable PD HSTL Driver Enable CMOS Driver Enable Output Doubler PD SysClk PLL PD RefA PD RefB Full PD Digital PD 00 0011 Reserved 00 0012 M, AC History Reset IRQ Reset FPFD Reset CPFD Reset LF Reset CCI Reset DDS Reset 00 0013 M Reset PD Fund DDS S Div2 Reset R Div2 Reset S Div Reset R Div Reset 00 0020 System Clock 0020 N-Divider N Divider [4:0] 12 0021 Reserved 00 0022 PLL Parameters VCO Auto Range 2x Refer- ence VCO Range Charge Pump Current [1:0] 04 0023 PFD Divider PFD Divider [3:0] (relationship between SysClk and PFD clock) 05 0100 DPLL 0100 M PLL Control Single Tone Mode Disable Freq. Estimator Enable Freq Slew Limiter Loop Polarity Close Loop 30 0101 00 0102 R Divider [15:0] 00 0103 R-Divider Falling Edge Triggered R Divider /2 00 |