| 전자부품 데이터시트 검색엔진 |
|
IA88C00-PDW48I-R 데이터시트(PDF) 46 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PDW48I-R 데이터시트(HTML) 46 Page - InnovASIC, Inc |
|
46 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG21 1 030617-04 www.Innovasic Innovasic.com Innovasic Semiconductor Page 46 of 80 1.888.824.4184 Flags Affected Instruction and Operation Address Mode dst scr Opcode Byte (Hex) C Z S V D H BITS dst dst←0 dst←1 rb 77 - - - - - - - Flags Affected Instruction and Operation Address Mode dst scr Opcode Byte (Hex) C Z S V D H BOR dst, src dst←0 OR src r0 rB 07 - * 0 U - - BTJRF dst←0 if src=0, PC=PC+dst RA Rb 37 - - - - - - BTJRT IF SRC=0, PC=PC+dst RA rb 37 - - - - - - BXOR dst, src dst←dst XOR src r0 Rb 27 - * 0 U - - CALL dst SP←SP - 2 @SP←PC, PC←dst DA IRR IA F6 F4 D4 - - - - - - CCF C←NOT C EF * - - - - - CLR dst dst←0 R IR B0 B1 - - - - - - COM dst dst←NOT dst R IR 60 61 - * * 0 - - CP dst, src Dst - src † A[ ] * * * * - - CPIJE if dst - src=0, then PC←PC+RA Ir←Ir + 1 R Ir C2 - - - - - - CPIJNE if dst - src=0, then PC←PC+RA Ir←Ir + 1 r Ir D2 - - - - - - DA dst dst←DA dst R IR 40 41 * * * U - - DEC dst dst←dst - 1 R IR 00 01 - * * * - - |