전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422 데이터시트(PDF) 214 Page - STMicroelectronics

부품명 UPSD3422
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 데이터시트(HTML) 214 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 210Page - STMicroelectronics UPSD3422 Datasheet HTML 211Page - STMicroelectronics UPSD3422 Datasheet HTML 212Page - STMicroelectronics UPSD3422 Datasheet HTML 213Page - STMicroelectronics UPSD3422 Datasheet HTML 214Page - STMicroelectronics UPSD3422 Datasheet HTML 215Page - STMicroelectronics UPSD3422 Datasheet HTML 216Page - STMicroelectronics UPSD3422 Datasheet HTML 217Page - STMicroelectronics UPSD3422 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 293 page
background image
PSD module
uPSD34xx
214/293
Table 111.
DPLD and GPLD Inputs
Input Source
Input Name
Number of
Signals
8032 Address Bus
A0-A15
16
8032 Bus Control Signals
PSEN, RD, WR, ALE
4
Reset from MCU Module
RESET
1
Power-Down from Auto-Power Down Counter
PDN
1
PortA Input Macrocells
(80-pin devices only)
PA0-PA7
8
PortB Input Macrocells
PB0-PB7
8
PortC Input Macrocells
PC2, PC3, PC4, PC7
4
Port D Inputs
(52-pin devices have only PD1)
PD1, PD2
2
Page Register
PGR0-PGR7
8
Macrocell OMC bank AB Feedback
MCELLAB
FB0-7
8
Macrocell OMC bank BC Feedback
MCELLBC
FB0-7
8
Flash memory Status Bit
Ready/Busy
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More