전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP88CU74F 데이터시트(PDF) 34 Page - Toshiba Semiconductor

부품명 TMP88CU74F
상세설명  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F 데이터시트(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 30Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 31Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 32Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 33Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 34Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 35Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 36Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 37Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-34
(3) Interrupt return
The interrupt return instructions [RETI]/[RETN] perform the following operations.
[RETI] Maskable interrupt return
[RETN] Non-maskable interrupt return
1. The contents of the program counter and the
program status word are restored from the
stack.
2. The stack pointer is incremented 5 times.
3. The interrupt master enable flag is set to “1”.
4. The interrupt nesting counter is decremented,
and the interrupt nesting flag is changed.
1. The contents of the program counter and
program status word are restored from the
stack.
2. The stack pointer is incremented 5 times.
3. The interrupt master enable flag is set to “1” only
when a non-maskable interrupt is accepted in
interrupt enable status. However, the interrupt
master enable flag remains at “0” when so clear
by an interrupt service program.
4. The interrupt nesting counter is decremented,
and the interrupt nesting flag is changed.
Interrupt requests are sampled during the final cycle of the instruction being
executed. Thus, the next interrupt can be accepted immediately after the interrupt
return instruction is executed.
Note:
When the interrupt processing time is longer than the interrupt request generation
time, the interrupt service task is performed but not the main task.
1.5.2
Software Interrupt (INTSW)
Executing the [SWI] instruction generates a software interrupt and immediately starts
interrupt processing (INTSW is highest prioritized interrupt). However, if processing of a
non-maskable interrupt is already underway, executing the SWI instruction will not
generate a software interrupt but will result in the same operation as the [NOP]
instruction.
Use the [SWI] instruction only for detection of the address error or for debugging.
Note:
To use the SWI instruction for software break in the development tool, software interrupt
always generates even if the non-maskable interrupt is in progress.
1.
Address error detection
FFH is read if for some cause such as noise the CPU attempts to fetch an instruction
from a non-existent memory address. Code FFH is the SWI instruction, so a software
interrupt is generated and an address error is detected. The address error detection
range can be further expanded by writing FFH to unused areas of the program memory.
Address-trap reset is generated in case that an instruction is fetched from RAM or SFR
areas.
2.
Debugging
Debugging efficiency can be increased by placing the SWI instruction at the software
break point setting address.
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com