전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP88CU74F 데이터시트(PDF) 25 Page - Toshiba Semiconductor

부품명 TMP88CU74F
상세설명  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F 데이터시트(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 21Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 22Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 23Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 24Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 25Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 26Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 27Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 28Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-25
1.5
Interrupt Controller
The TMP88CU74 each have a total of 15 interrupt sources: 6 externals and 9 internals.
Nested interrupt control with priorities is also possible. Two of the internal sources are pseudo
non-maskable interrupts; the remainder are all maskable interrupts.
Interrupt latches (IL) that hold the interrupt requests are provided for interrupt sources.
Each interrupt vector is independent.
The interrupt latch is set to “1” when an interrupt request is generated and requests the CPU
to accept the interrupt. The acceptance of maskable interrupts can be selectively enabled and
disabled by the program using the interrupt master enable flag (IMF) and the individual
interrupt enable flags (EF). When two or more interrupts are generated simultaneously, the
interrupt is accepted in the highest priority order as determined by the hardware. Figure 1.5.1
shows the interrupt controller.
Table 1.5.1 Interrupt Sources
Interrupt Source
Enable Condition
Interrupt
Latch
Vector
Address
Priority
Internal/
External
(Reset)
Non-Maskable
―
FFFFCH
High
0
Internal
INTSW
(Software interrupt)
―
FFFF8H
1
Internal
INTWDT
(Watchdog Timer interrupt)
Pseudo
non-maskable
IL2
FFFF4H
2
External
INT0
(External interrupt 0)
IMF
= 1, INT0EN = 1
IL3
FFFF0H
3
Internal
INTTC1
(16-bit TC1 interrupt)
IMF・EF4
= 1
IL4
FFFECH
4
External
INT1
(External interrupt 2)
IMF・EF5
= 1
IL5
FFFE8H
5
Internal
INTTBT
(Time Base Timer interrupt)
IMF・EF6
= 1
IL6
FFFE4H
6
External
INT2
(External interrupt 2)
IMF・EF7
= 1
IL7
FFFE0H
7
Internal
INTTC3
(8-bit TC3 interrupt)
IMF・EF8
= 1
IL8
FFFDCH
8
Internal
INTSIO1
(Serial Interface1 interrupt)
IMF・EF9
= 1
IL9
FFFD8H
9
Internal
INTTC4
(8-bit TC4 interrupt)
IMF・EF10
= 1
IL10
FFFD4H
10
External
INT3
(External interrupt 3)
IMF・EF11
= 1
IL11
FFFD0H
11
Internal
INTKEY
(Key scan interrupt)
IMF・EF12
= 1
IL12
FFFCCH
12
Internal
INTSIO2
(Serial interface2 interrupt)
IMF・EF13
= 1
IL13
FFFC8H
13
Internal
INTTC2
(16-bit TC2 interrupt)
IMF・EF14
= 1
IL14
FFFC4H
14
External
INT5
(External interrupt 5)
IMF・EF15
= 1
IL15
FFFC0H
Low 15
Note:
Before you change each enable flag (EF) and/or each interrupt latch (IL), be sure to clear the
interrupt master enable flag (IMF) to “0” (to disable interrupts).
a. After a DI instruction is executed
b. When an interrupt is accepted, IMF is automatically cleared to “0”. However, to enable
nested interrupts, change EF and/or IL before setting IMF to “1” (to enable interrupts).
If the individual enable flags (EF) and interrupt latches (IL) are set under conditions other
than the above, the proper operation cannot be guaranteed.
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com